Part Number Hot Search : 
NTE1517 29LV800 U1ZB22 18TQ035S MC333 SSF6807 BCD25 6N1135
Product Description
Full Text Search
 

To Download IRF6612TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 05/29/06 irf6612pbf irf661trpbf applicable directfet package/layout pad (see p.8,9 for details) pd - 97215 rohs compliant lead-free (qualified up to 260c reflow) application specific mosfets ideal for cpu core dc-dc converters low conduction losses high cdv/dt immunity low profile (<0.7mm) dual sided cooling compatible compatible with existing surface mount techniques description the irf6612pbf combines the latest hexfet? power mosfet silicon technology with the advanced directfet tm packag- ing to achieve the lowest on-state resistance in a package that has the footprint of a so-8 and only 0.7 mm profile. the directfet package is compatible with existing layout geometries used in power applications, pcb assembly equipment and vapor phase, infra-red or convection soldering techniques. application note an-1035 is followed regarding the manufacturing methods and processes. the directfet package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%. the irf6612pbf balances industry leading on-state resistance while minimizing gate charge along with ultra low package inductance to reduce both conduction and switching losses. the reduced losses make this product ideal for high frequency/ high efficiency dc-dc converters that power high current loads such as the latest generation of microprocessors. the irf6612pbf has been optimized for parameters that are critical in synchronous buck converter?s syncfet sockets. fig 1. typical on-resistance vs. gate-to-source voltage fig 2. total gate charge vs. gate-to-source voltage click on this section to link to the appropriate technical paper. click on this section to link to the directfet website. surface mounted on 1 in. square cu board, steady state. t c measured with thermocouple mounted to top (drain) of part. repetitive rating; pulse width limited by max. junction temperature. starting t j = 25c, l = 0.20mh, r g = 25 ? , i as = 19a. notes: directfet ? power mosfet typical values (unless otherwise specified) directfet ? isometric mx 2 3 4 5 6 7 8 9 10 v gs, gate -to -source voltage (v) 0 1 2 3 4 5 6 7 8 9 10 t y p i c a l r d s ( o n ) ( m ? ) i d = 24a t j = 25c t j = 125c 0 10203040 q g total gate charge (nc) 0.0 1.0 2.0 3.0 4.0 5.0 6.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 24v v ds = 15v i d = 19a absolute maximum ratings parameter units v ds drain-to-source voltage v v gs gate-to-source voltage i d @ t c = 25c continuous drain current, v gs @ 10v i d @ t a = 25c continuous drain current, v gs @ 10v a i d @ t a = 70c continuous drain current, v gs @ 10v i dm pulsed drain current e as single pulse avalanche energy mj i ar avalanche current a 37 19 max. 24 19 190 20 30 136 v dss v gs r ds(on) r ds(on) 30v max 20v max 2.5m ? @ 10v 3.4m ? @ 4.5v q g tot q gd q gs2 q rr q oss v gs(th) 30nc 10nc 2.9nc 8.1nc 18nc 1.8v sq sx st mq mx mt
irf6612pbf 2 www.irf.com s d g repetitive rating; pulse width limited by max. junction temperature. pulse width 400s; duty cycle 2%. notes: static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 30 ??? ??? v ? v dss / ? t j breakdown voltage temp. coefficient ??? 24 ??? mv/c r ds(on) static drain-to-source on-resistance ??? 2.5 3.3 m ? ??? 3.4 4.4 v gs(th) gate threshold voltage 1.35 1.8 2.25 v ? v gs(th) / ? t j gate threshold voltage coefficient ??? -5.6 ??? mv/c i dss drain-to-source leakage current ??? ??? 1.0 a ??? ??? 100 i gss gate-to-source forward leakage ??? ??? 100 na gate-to-source reverse leakage ??? ??? -100 gfs forward transconductance 96 ??? ??? s q g total gate charge ??? 30 45 q gs1 pre-vth gate-to-source charge ??? 8.5 ??? q gs2 post-vth gate-to-source charge ??? 2.9 ??? nc q gd gate-to-drain charge ??? 10 ??? q godr gate charge overdrive ??? 8.6 ??? see fig. 14 q sw switch charge (q gs2 + q gd ) ??? 13 ??? q oss output charge ??? 18 ??? nc t d(on) turn-on delay time ??? 15 ??? t r rise time ??? 52 ??? t d(off) turn-off delay time ??? 21 ??? ns t f fall time ??? 4.8 ??? c iss input capacitance ??? 3970 ??? c oss output capacitance ??? 780 ??? pf c rss reverse transfer capacitance ??? 360 ??? diode characteristics parameter min. typ. max. units i s continuous source current ??? ??? 110 (body diode) a i sm pulsed source current ??? ??? 190 (body diode) v sd diode forward voltage ??? ??? 1.0 v t rr reverse recovery time ??? 19 29 ns q rr reverse recovery charge ??? 8.1 12 nc mosfet symbol clamped inductive load v ds = 15v, i d = 19a conditions see fig. 15 & 16 ? = 1.0mhz v ds = 16v, v gs = 0v v dd = 16v, v gs = 4.5v v ds = 15v v ds = 24v, v gs = 0v, t j = 125c v gs = 20v v gs = -20v v gs = 4.5v v gs = 4.5v, i d = 19a v ds = v gs , i d = 250a v ds = 24v, v gs = 0v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 24a t j = 25c, i f = 19a di/dt = 100a/s see fig. 17 t j = 25c, i s = 19a, v gs = 0v showing the integral reverse p-n junction diode. i d = 19a v gs = 0v v ds = 15v i d = 19a
irf6612pbf www.irf.com 3 fig 3. maximum effective transient thermal impedance, junction-to-ambient used double sided cooling , mounting pad. mounted on minimum footprint full size board with metalized back and with small clip heatsink. notes: r is measured at t j of approximately 90c. surface mounted on 1 in. square cu (still air). mounted to a pcb with small clip heatsink (still air) mounted on minimum footprint full size board with metalized back and with small clip heatsink (still air) 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 100 t h e r m a l r e s p o n s e ( z t h j a ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthja + tc j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci= i / ri ci= i / ri a a 4 4 r 4 r 4 ri (c/w) i (sec) 1.2801 0.000322 8.7256 0.164798 21.750 2.25760 13.251 69 ab so l ute m ax i mum r at i ngs p d @t a = 25c power dissipation p d @t a = 70c power dissipation w p d @t c = 25c power dissipation t p peak soldering temperature c t j operating junction and t stg storage temperature range th erma l r es i stance parameter typ. max. units r ja junction-to-ambient ??? 45 r ja junction-to-ambient 12.5 ??? r ja junction-to-ambient 20 ??? c/w r jc junction-to-case ??? 1.4 r j-pcb junction-to-pcb mounted 1.0 ??? linear derating factor w/c 0.022 -40 to + 150 2.8 270 1.8 89
irf6612pbf 4 www.irf.com fig 5. typical output characteristics fig 4. typical output characteristics fig 6. typical transfer characteristics fig 7. normalized on-resistance vs. temperature 0.1 1 10 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 7.0v 4.5v 4.0v 3.5v 3.2v 2.9v bottom 2.7v 60s pulse width tj = 25c 2.7v 0.1 1 10 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 2.7v 60s pulse width tj = 150c vgs top 10v 7.0v 4.5v 4.0v 3.5v 3.2v 2.9v bottom 2.7v 0 1 2 3 4 5 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 25c t j = 150c v ds = 10v 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.5 1.0 1.5 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 25a v gs = 10v 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss fig 8. typical capacitance vs.drain-to-source voltage
irf6612pbf www.irf.com 5 fig 11. maximum drain current vs. case temperature fig 9. typical source-drain diode forward voltage fig10. maximum safe operating area fig 13. maximum avalanche energy vs. drain current fig 12. threshold voltage vs. temperature 25 50 75 100 125 150 starting t j , junction temperature (c) 0 25 50 75 100 125 150 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 5.3a 6.2a bottom 19a -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.0 0.5 1.0 1.5 2.0 2.5 v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a 25 50 75 100 125 150 t c , case temperature (c) 0 20 40 60 80 100 120 140 i d , d r a i n c u r r e n t ( a ) 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 v sd , source-to-drain voltage (v) 1.00 10.00 100.00 1000.00 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 0 1 10 100 1000 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 1msec 10msec operation in this area limited by r ds (on) 100sec t a = 25c tj = 150c single pulse
irf6612pbf 6 www.irf.com d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - fig 14a. gate charge test circuit fig 14b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 15b. unclamped inductive waveforms t p v (br)dss i as fig 15a. unclamped inductive test circuit fig 16b. switching time waveforms v gs v ds 90% 10% t d(on) t d(off) t r t f fig 16a. switching time test circuit v gs pulse width < 1s duty factor < 0.1% v dd v ds l d d.u.t + - r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs
irf6612pbf www.irf.com 7 fig 17. diode reverse recovery test circuit for n-channel hexfet ? power mosfets p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period * v gs = 5v for logic level devices * inductor current circuit layout considerations ? low stray inductance ? ground plane ? low leakage inductance current transformer ? di/dt controlled by r g ? driver same type as d.u.t. ? i sd controlled by duty factor "d" ? d.u.t. - device under test + - + + + - - - r g v dd d.u.t directfet ? substrate and pcb layout, mx outline (medium size can, x-designation). please see directfet application note an-1035 for all details regarding the assembly of directfet. this includes all recommendations for stencil and substrate designs. g = gate d = drain s = source d d d d g s s
irf6612pbf 8 www.irf.com directfet ? outline dimension, mx outline (medium size can, x-designation). please see directfet application note an-1035 for all details regarding the assembly of directfet. this includes all recommendations for stencil and substrate designs. directfet ? part marking imperial min 0.246 0.189 0.152 0.014 0.027 0.027 0.054 0.032 0.015 0.035 0.090 0.0235 0.0008 0.003 min 6.25 4.80 3.85 0.35 0.68 0.68 1.38 0.80 0.38 0.88 2.28 0.616 0.020 0.08 max 6.35 5.05 3.95 0.45 0.72 0.72 1.42 0.84 0.42 1.01 2.41 0.676 0.080 0.17 code a b c d e f g h j k l m r p metric dimensions max 0.250 0.201 0.156 0.018 0.028 0.028 0.056 0.033 0.017 0.039 0.095 0.0274 0.0031 0.007
irf6612pbf www.irf.com 9 data and specifications subject to change without notice. this product has been designed and qualified for the consumer market. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 05/06 directfet ? tape & reel dimension (showing component orientation). standard option (qty 4800) min 330.0 20.2 12.8 1.5 100.0 n.c 12.4 11.9 code a b c d e f g h max n.c n.c 13.2 n.c n.c 18.4 14.4 15.4 min 12.992 0.795 0.504 0.059 3.937 n.c 0.488 0.469 max n.c n.c 0.520 n.c n.c 0.724 0.567 0.606 metric imperial tr1 option (qty 1000) imperial min 6.9 0.75 0.53 0.059 2.31 n.c 0.47 0.47 max n.c n.c 12.8 n.c n.c 13.50 12.01 12.01 min 177.77 19.06 13.5 1.5 58.72 n.c 11.9 11.9 metric max n.c n.c 0.50 n.c n.c 0.53 n.c n.c reel dimensions note: controlling dimensions in mm std reel quantity is 4800 parts. (ordered as IRF6612TRPBF). for 1000 parts on 7" reel, order irf6612tr1pbf min 7.90 3.90 11.90 5.45 5.10 6.50 1.50 1.50 code a b c d e f g h max 8.10 4.10 12.30 5.55 5.30 6.70 n.c 1.60 min 0.311 0.154 0.469 0.215 0.201 0.256 0.059 0.059 max 0.319 0.161 0.484 0.219 0.209 0.264 n.c 0.063 dimensions metric imperial loaded tape feed direction
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRF6612TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X